PART |
Description |
Maker |
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
AD5240 AD5240KD AD5240SD ADADC84 ADADC84-10 ADADC8 |
Fast, Complete 10-Bit A/D Converters FAST, COMPLETE 12-BIT A/D CONVERTERS 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP32 16 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor FAST/ COMPLETE 12-BIT A/D CONVERTERS Fast,Complete 12 Bit A/D Converter(快完备2位A/D转换
|
Analog Devices, Inc. AD[Analog Devices]
|
V7AH-05B330 S7AH-05B S7AH-05B120 S7AH-05B150 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MN5120 MN5121 MN5122 MN5123 MN512X MN5130 MN5131 M |
8 bit A/D converter (MN512x - MN514x) 8-bit A/D Converters 8-bit A/D Converters 8位A / D转换
|
Integrated Circuit Systems Electronic Theatre Controls, Inc. Panasonic, Corp.
|
MCH2805S/883 MCH2805D/883 MCH2815S/883 MCH285R2D/8 |
DC/DC CONVERTERS 28 VOLT INPUT DC / DC转换28伏的输入 DC/DC CONVERTERS 28 VOLT INPUT 1-OUTPUT 1.5 W DC-DC REG PWR SUPPLY MODULE
|
Standard Power
|
CS5014-BL14 CS5014-BL14Z CS5016 CS5016-BL16 CS5012 |
16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PQCC44
|
Cirrus Logic, Inc.
|
SP774BJ SP1674BJ |
12–Bit Sampling A/D Converters 12鈥揃it Sampling A/D Converters
|
SIPEX
|
HD74HC4520 HD74HC4518 |
Dual BCD Use Converters/Dual Binary Up Converters
|
HITACHI[Hitachi Semiconductor]
|
MAX730 MAX730A MAX730ACPA MAX730ACSA MAX730AEPA MA |
5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 210 kHz SWITCHING FREQ-MAX, PDSO8 5V, Step-Down, Current-Mode PWM DC-DC Converters 2 A SWITCHING REGULATOR, 212.5 kHz SWITCHING FREQ-MAX, PDSO16 Circular Connector; No. of Contacts:26; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-26 RoHS Compliant: No Replaced by SN54197 : 50/30/100-Mhz Presettable Decade OR Binary Counters/Latches 20-LCCC -55 to 125 5V / Step-Down / Current-Mode PWM DC-DC Converters 5V Step-Down Current-Mode PWM DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TSC2-2S0505N TSC2-2S0512N TSC2-2S0515N TSC2-2S053. |
DC/DC CONVERTERS 7-pin SIP, 2 Watt DC/DC CONVERTERS
|
Tumbler Technologies TRUMPower Tumbler Technologies TRUM... Tumbler Technologies ...
|